Part Number Hot Search : 
GC1712 NL644 S5510 SMCJ58A 1955W 20040 UNR92A7G S5510
Product Description
Full Text Search
 

To Download CA506 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Current Regulator Diode
CORPORATION
CA500 Series / SST500 Series
FEATURES ORDERING INFORMATION Part No. Package CA500 CA501 CA502 CA503 CA504 CA505 CA506 CA507 CA508 CA509 CA510 CA511 TO-92 TO-92 TO-92 TO-92 TO-92 TO-92 TO-92 TO-92 TO-92 TO-92 TO-92 TO-92 Part No. SST500 SST501 SST502 SST503 SST504 SST505 SST506 SST507 SST508 SST509 SST510 SST511 Package SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 IF (mA) 0.24 0.33 0.43 0.56 0.75 1.00 1.40 1.80 2.40 3.00 3.60 4.70
* Simple Two Lead Current Sources * 1 to 100 Volt Operation * Zero Temperature Coefficient * Simplifies Floating Current Sources * No Power Supplies Required
GENERAL DESCRIPTION Calogic's current regulator diode is available in plastic TO-92 and surface mount SOT-23. The devices are selected for narrow current ranges and are excellent choices for test instrumentation and medical applications. With nominal current ranges from 0.24mA to 4.7mA, all in 20% bands. The devices allow the designer a cost effective method of providing a current regulator with no power supply requirements and lower part count. The lower current devices operate at 1 volt.
PIN CONFIGURATION
SOT-23
TO-92
PRODUCT MARKING (SOT-23)
TOP VIEW
SST500 SST501
500 501 502 503 504 505 506 507 508 509 510 511
2 1
BOTTOM VIEW
SST502 SST503 SST504
3
SST505 SST506
1
2
1 ANODE 3 ANODE 2 CATHODE 2 CATHODE
SST507 SST508 SST509
1 ANODE 2 CATHODE
Externally connect pin 1 to pin2.
SST510 SST511
5010
CA500 Series / SST500 Series
CORPORATION
ABSOLUTE MAXIMUM RATINGS (TA = 25oC unless otherwise noted)
PARAMETERS/TEST CONDITIONS Peak Operating Voltage Forward Current Reverse Current Power Dissipation Power Derating Operating Junction Temperature Storage Temperature TJ T stg SYMBOL POV IF IR PD LIMIT 50 20 mA 50 360 3.27 -55 to 150 -55 to 200 mW mW/ oC
o
UNITS V
C
ELECTRICAL CHArACTERISTICS (TA = 25oC unless otherwise noted)
SYMBOL PARAMETER TEST CONDITIONS UNITS NOM 500 501 502 503 504 505 506 507 508 509 510 511 Notes: 1. 2. 3. 4. 0.24 0.33 0.43 0.56 0.75 1.00 1.40 1.80 2.40 3.00 3.60 4.70 MIN 0.192 0.264 0.344 0.448 0.600 0.800 1.120 1.440 1.900 2.400 2.900 3.800 MAX 0.288 0.396 0.516 0.672 0.900 1.200 1.680 2.160 2.900 3.600 4.300 5.600 IF REGULATOR CURRENT VF = 25V (Note 1) mA Zd DYNAMIC IMPEDANCE VF = 25V (Note 2) M MIN 4.00 2.20 1.50 1.20 0.80 0.50 0.33 0.20 0.20 0.15 0.15 0.12 TYP 40.0 25.0 15.0 12.0 7.0 5.0 3.0 2.0 1.5 1.0 0.8 0.6 Zk KNEE IMPEDANCE VF = 6V M TYP 2.50 1.60 1.10 0.80 0.55 0.40 0.25 0.19 0.13 0.09 0.07 0.05 MAX 1.20 1.30 1.50 1.70 1.90 2.10 2.50 2.80 3.10 3.50 3.90 4.20 VL LIMITING VOLTAGE I F = 0.8 IF(MIN) (Note 3) V TYP 0.4 0.5 0.6 0.7 0.8 0.9 1.1 1.3 1.5 1.7 1.9 2.1 MIN 50 50 50 50 50 50 50 50 50 50 50 50 POV PEAK OPERATING VOLTAGE IF = 1.1 IF (MAX) (Note 4) V TYP 100 100 100 100 100 100 100 100 100 100 100 100 CF CAPACITANCE VF = 25V f = 1MHz pF TYP 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 1 TEMPERATURE COEFFICIENT (TYPICALS) VF = 25V 0oC TA 100oC ppm/ o C TYP 1300 600 0 -400 -1000 -1300 -1900 -2200 -2600 -2800 -3000 -3000
Pulse test - steady state currents may vary. Pulse test - steady state impedances may vary. Min VF required to insure I F > 0.8 I F(MIN). Max VF where I F > 1.1 I F(MAX) is guaranteed.


▲Up To Search▲   

 
Price & Availability of CA506

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X